|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Receiver Protectors VDL1014 TR Limiter Attenuator Description: High power S-Band Pre-TR, TR Limiter with field replaceable front end. Features: * * * * * * * * * * Frequency: 1.25 - 1.35 GHz Peak Power: 500 kW Duty Cycle: 0.00073 Pulsewidth: 2.0 mSec Insertion Loss: 0.85 dB max VSWR: 1.5:1 max Flat Leakage: 30 mW max Spike Leakage: 100 mW max Recovery Time: 20 mSec max 0 to 63 dB continuously variable attenuator 150 Sohier Road Beverly, Massachusetts 01915 Phone: 978-922-6000 Fax: 978-922-2736 E-Mail: marketing@bmd.cpii.com Internet: www.cpii.com/bmd Beverly Microwave Division |
Price & Availability of VDL1014 |